|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AQ4041 Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package Product Specification Revision 1.1 June 14, 2007 General Description The AQ4041 is a precision voltage reference offered in very small packages SOT23 and SC70 for applications where power and space are critical. Its precision reference is trimmed during wafer sort to insure accuracy and tight distributions centered at 1.225V. The minimum operating current is less than 40 A to keep power consumption at a minimum. The bandgap reference has curvature correction and low dynamic impedance to ensure stable accuracy over a wide range of operating currents and temperatures Applications * * * * Power supplies Low TC low voltage reference Portable, Battery-Powered Equipment Instrumentation Features * Offered in small packages: SOT23 and * * * * SC70 40uA to 12mA operation Low TC voltage reference 100ppm/C Stable with no load capacitance RoHS compliant Pin Configuration Pin Descriptions Pin Name CATH Anode NC Function + Input, nominally 1.225V in normal operation. - Ground This pin must be left floating or connect to Anode www.acutechnology.com AQ4041 Acutechnology Semiconductor Inc. AQ4041 Ordering Information Device AQ4041 AQ4041 Operating Tj -40C 85C -40C 85C %Tol 0.5 1.0 PKG Type SOT-23-3 SOT-23-3 VOUT 1.225V 1.225V 1.225V 1.225V 1.225V 1.225V Wrap T&R T&R T&R T&R T&R T&R Ordering Number AQ4041EZ-M3-12-TRL AQ4041EY-M3-12-TRL AQ4041EZ-C5-12-TRL AQ4041EY-C5-12-TRL AQ4041EZ-N3-12-TRL AQ4041EY-N3-12-TRL AQ4041 -40C 85C 0.5 SC70-5 AQ4041 -40C 85C 1.0 SC70-5 AQ4041 -40C 85C 0.5 TO92-3 AQ4041 -40C 85C 1.0 TO92-3 Note: The TRL parts are Lead Free and RoHS compliant. Absolute Maximum Ratings Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These stress ratings only, and functional operation of the device at these or any conditions beyond those indicated under recommended Operating Conditions is not implied. Exposure to "Absolute Maximum Rating" for extended periods may affect device reliability. Use of standard ESD handling precautions is required. Parameter ANODE Forward Current ANODE Reverse Current Operating Junction Temperature Lead Temperature (soldering 10 seconds) Storage Temperature Range ESD (Human Body Model) Value +50 -50 150 260 -65 to +150 2 Units mA mA C C C KV Electrical Specifications Electrical characteristics are guaranteed at 25C unless otherwise stated. Ambient temperature must be de-rated based upon power dissipation and package thermal characteristics. Symbol VR VR VR IR(min) VR/ IR ZR N VR Parameter Reverse Breakdown Voltage Reverse Breakdown Voltage VR Temperature deviation Minimum Operating Current VR deviation with IR Dynamic Output Impedance Wideband Noise Long term stability Conditions 0.5% option -40C 2 Rev. 1.1 June 14, 2007 Acutechnology Semiconductor Inc. AQ4041 Typical performance curves Cathode current vs Cathode voltage Reference voltage vs Junction temperature 1.240 1.235 Reference voltage (V) 1.230 1.225 1.220 1.215 1.210 -40 -20 0 20 40 60 80 100 120 Junction temperature (degrees C) 15 10 Cathode current (mA) 5 0 -5 -10 -1 -0.5 0 0.5 1 1.5 Cathode voltage (V) Cathode current vs Cathode voltage 50 40 Cathode current (uA) 100 Dynamic impedance vs frequency 30 20 10 0 -10 0 0.5 1 1.5 Cathode voltage (V) Dynamic impedance (0hms) 10 1 0.1 0.1 1 10 100 1000 10000 Frequency (KHz) www.acutechnology.com 3 Rev. 1.1 June 14, 2007 Acutechnology Semiconductor Inc. AQ4041 Package Dimensions SOT23-3, SOT23-4, SOT23-5, SOT23-6 www.acutechnology.com 4 Rev. 1.1 June 14, 2007 Acutechnology Semiconductor Inc. AQ4041 Package Dimensions TO92-2, TO92-3 www.acutechnology.com 5 Rev. 1.1 June 14, 2007 Acutechnology Semiconductor Inc. AQ4041 Package Dimensions SC70-3, SC70-4, SC70-5, SC70-6 Contact Information Acutechnology Semiconductor Inc. 3487 McKee Rd. Suite 52 San Jose CA , USA 95127 Disclaimer The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However, Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications at any time without notification to the customer. TEL: (408) 259-2300 FAX: (408) 259-9160 website: www.acutechnology.com Life Support Policy Acutechnology Products are not designed or authorized for use as components in life support devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. www.acutechnology.com 6 Rev. 1.1 June 14, 2007 |
Price & Availability of AQ4041EZ-M3-12-TRL |